Part Number Hot Search : 
GRM033 05A19 83251 2SC3824 MC34023P ACT33412 T9013P ES100
Product Description
Full Text Search
 

To Download 73656-0181 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/14/2010 please check www.molex.com for latest part information part number: 0736560181 status: active overview: hdm description: 2.00mm (.079") pitch hdm? board-to-board backplane power module, vertical, smc, power receptacle, 2 circuits, tin documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-73670-9999 (pdf) general product family backplane connectors series 73656 application backplane comments backplane power module component type power header overview hdm product name hdm? style n/a physical circuits (loaded) 2 circuits (maximum) 3 color - resin black durability (mating cycles max) 250 first mate / last break no guide to mating part no keying to mating part none material - metal beryllium copper material - plating mating gold material - plating termination tin-lead material - resin high temperature thermoplastic number of columns 1 number of pairs open pin field number of rows 3 orientation vertical pc tail length (in) 0.138 in pc tail length (mm) 3.50 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.098 in pcb thickness recommended (mm) 2.50 mm packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 35.2 plating min: termination (m) 0.88 polarized to pcb no stackable no surface mount compatible (smc) yes temperature range - operating -55c to +105c termination interface: style through hole - compliant pin series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 73656 series mates with 73651 hdm? board-to-board daughterboard power module
electrical current - maximum per contact 15a data rate 1.0 gbps real signals (per 25mm) 75 shielded no voltage - maximum 500v ac material info reference - drawing numbers application specification as-73656-1998 packaging specification pk-70873-0819 product specification ps-73670-9999 sales drawing sda-73656-*00* hdm and high density metric are trademarks of amphenol corporation this document was generated on 05/14/2010 please check www.molex.com for latest part information






▲Up To Search▲   

 
Price & Availability of 73656-0181

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X